| データシートサーチシステム |
|
R5F5671CDDFB データシート(PDF) 152 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB データシート(HTML) 152 Page - Renesas Technology Corp |
|
152 / 179 page ![]() R01DS0373EJ0120 Rev.1.20 Page 152 of 179 Sep 30, 2024 RX671 Group 2. Electrical Characteristics 2.4.7.17 SDHI Note 1. When a letter “-A”, “-B”, etc. to indicate group membership is appended to the pin name, each pin is recommended to use in combination with the pins in the same group. All SDHI AC timings are measured in combination with the pins in the same group. Figure 2.88 SD Host Interface Input/Output Signal Timing Table 2.50 SDHI Timing Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, PCLKA = 8 to 120 MHz, PCLKB = 8 to 60 MHz, Ta = Topr, Output load conditions: VOH = 0.5 × VCC, VOL = 0.5 × VCC, C = 30 pF, High-drive output is selected by the drive capacity control register. Item Symbol Min. Max. Unit Test Conditions*1 SDHI SDHI_CLK pin output cycle time tPP(SD) 20 — ns Figure 2.88 SDHI_CLK pin output high pulse width tWH(SD) 0.4 × tPP(SD) —ns SDHI_CLK pin output low pulse width tWL(SD) 0.4 × tPP(SD) —ns SDHI_CLK pin output rise time tTLH(SD) —3 ns SDHI_CLK pin output fall time tTHL(SD) —3 ns Output data delay time (data transfer mode) for SDHI_CMD and SDHI_D0 to SDHI_D3 pins tODLY(SD) –6.5 4 ns Input data setup time for SDHI_CMD and SDHI_D0 to SDHI_D3 pins tISU(SD) 6— ns Input data hold time for SDHI_CMD and SDHI_D0 to SDHI_D3 pins tIH(SD) 2— ns SDHI_CLK output SDHI_CMD, SDHI_D3 to SDHI_D0 input SDHI_CMD, SDHI_D3 to SDHI_D0 output tWL(SD) tWH(SD) tPP(SD) tISU(SD) tIH(SD) tTLH(SD) tTHL(SD) tODLY(SD) tODLY(SD) VIH VIL VIL VIL VIH VIH 50% VCC 50% VCC |