| データシートサーチシステム |
|
R5F5671CDDFB データシート(PDF) 156 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5671CDDFB データシート(HTML) 156 Page - Renesas Technology Corp |
|
156 / 179 page ![]() R01DS0373EJ0120 Rev.1.20 Page 156 of 179 Sep 30, 2024 RX671 Group 2. Electrical Characteristics 2.7 Temperature Sensor Characteristics Note 1. Set the S12AD1.ADSSTRT register such that the sampling time of the 12-bit A/D converter satisfies this specification. 2.8 CTSU Characteristics Note 1. Total sum of IOH of the pins other than TSCAP, and TS0 to TS16 Note 2. In the mutual capacitance method, when the amount of current output from the I/O pins other than those of the CTSU is relatively large, the VCC voltage largely drops, affecting measurement by the CTSU. Accordingly, the total sum of IOH of the other pins should be no more than the listed value when the CTSU is in use. Table 2.55 A/D Internal Reference Voltage Characteristics Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, PCLKB = PCLKD = 60 MHz, Ta = Topr Item Min. Typ. Max. Unit Test Conditions A/D internal reference voltage 1.13 1.18 1.23 V Table 2.56 Temperature Sensor Characteristics Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, Ta = Topr Item Min. Typ. Max. Unit Test Conditions Relative accuracy — ±1 — °C Temperature slope — 4 — mV/°C Output voltage — 1.21 — V Ta = 25°C Temperature sensor start time — — 30 µs Sampling time*1 4.15 — — µs Table 2.57 CTSU Characteristics Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0, VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V, Ta = Topr Item Symbol Min. Typ. Max. Unit Test Conditions External capacitance connected to TSCAP pin Ctscap 910 11 nF TS pin capacitive load Cbase —— 50 pF Total sum of the high-level output current*1 ΣIOH — — –40*2 mA The mutual capacitance method is in use. |