データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC2G240DP データシート(PDF) 4 Page - Nexperia B.V. All rights reserved

部品番号 74LVC2G240DP
部品情報  Dual inverting buffer/line driver; 3-state
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G240DP データシート(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC2G240DP Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
74LVC2G240
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 8 April 2013
4 of 22
NXP Semiconductors
74LVC2G240
Dual inverting buffer/line driver; 3-state
6.2 Pin description
7.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level; X = don’t care; Z = high-impedance OFF-state.
Fig 5.
Pin configuration SOT996-2
Fig 6.
Pin configuration SOT902-2
001aam590
74LVC2G240
Transparent top view
8
7
6
5
1
2
3
4
1OE
1A
2Y
GND
VCC
2OE
1Y
2A
001aaf077
1A
1Y
1OE
2Y
2OE
2A
Transparent top view
3
6
1
5
7
2
terminal 1
index area
74LVC2G240
Table 3.
Pin description
Symbol
Pin
Description
SOT505-2, SOT765-1, SOT833-1, SOT1089,
SOT996-2, SOT1116 and SOT1203
SOT902-2
1OE
1
7
output enable input 1OE (active LOW)
1A
2
6
data input
2Y
3
5
data output
GND
4
4
ground (0 V)
2A
5
3
data input
1Y
6
2
data output
2OE
7
1
output enable input 2OE (active LOW)
VCC
8
8
supply voltage
Table 4.
Function table[1]
Input
Output
nOE
nA
nY
LLH
LH
L
HX
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com