データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC2G240DP データシート(PDF) 18 Page - Nexperia B.V. All rights reserved

部品番号 74LVC2G240DP
部品情報  Dual inverting buffer/line driver; 3-state
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G240DP データシート(HTML) 18 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G240DP Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 19Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 20Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 21Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 22Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
74LVC2G240
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 8 April 2013
18 of 22
NXP Semiconductors
74LVC2G240
Dual inverting buffer/line driver; 3-state
Fig 17. Package outline SOT1203 (XSON8)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1203
sot1203_po
10-04-02
10-04-06
Unit
mm
max
nom
min
0.35
0.04
1.40
1.35
1.30
1.05
1.00
0.95
0.55
0.35
0.40
0.35
0.32
A(1)
Dimensions
Note
1. Including plating thickness.
2. Visible depending upon used manufacturing technology.
XSON8: extremely thin small outline package; no leads;
8 terminals; body 1.35 x 1.0 x 0.35 mm
SOT1203
A1
b
0.20
0.15
0.12
DE
e
e1
L
0.35
0.30
0.27
L1
0
0.5
1 mm
scale
terminal 1
index area
E
D
(4
×)(2)
(8
×)(2)
A
A1
e
L
L1
b
e1
e1
e1
1
8
2
7
3
6
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com