データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC2G240DP データシート(PDF) 8 Page - Nexperia B.V. All rights reserved

部品番号 74LVC2G240DP
部品情報  Dual inverting buffer/line driver; 3-state
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NEXPERIA [Nexperia B.V. All rights reserved]
ホームページ  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G240DP データシート(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G240DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G240DP Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
74LVC2G240
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 8 — 8 April 2013
8 of 22
NXP Semiconductors
74LVC2G240
Dual inverting buffer/line driver; 3-state
11. Dynamic characteristics
[1]
Typical values are measured at nominal VCC and at Tamb = 25 C.
[2]
tpd is the same as tPLH and tPHL
[3]
ten is the same as tPZH and tPZL
[4]
tdis is the same as tPLZ and tPHZ
[5]
CPD is used to determine the dynamic power dissipation (PD in W).
PD = CPD  VCC2  fi  N + (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation delay
nA to nY; see Figure 7
[2]
VCC = 1.65 V to 1.95 V
1.0
4.1
9.5
1.0
11.9
ns
VCC = 2.3 V to 2.7 V
0.5
2.6
5.2
0.5
6.5
ns
VCC = 2.7 V
1.0
3.0
5.5
1.0
6.9
ns
VCC = 3.0 V to 3.6 V
0.5
2.5
4.6
0.5
5.8
ns
VCC = 4.5 V to 5.5 V
0.5
2.0
4.0
0.5
5.0
ns
ten
enable time
nOE to nY; see Figure 8
[3]
VCC = 1.65 V to 1.95 V
1.5
4.5
10.3
1.5
12.9
ns
VCC = 2.3 V to 2.7 V
1.0
2.9
5.6
1.0
7.0
ns
VCC = 2.7 V
1.5
3.4
5.6
1.5
7.0
ns
VCC = 3.0 V to 3.6 V
0.5
2.5
4.7
0.5
5.9
ns
VCC = 4.5 V to 5.5 V
0.5
2.0
3.8
0.5
4.8
ns
tdis
disable time
nOE to nY; see Figure 8
[4]
VCC = 1.65 V to 1.95 V
1.0
3.5
11.6
1.0
14.1
ns
VCC = 2.3 V to 2.7 V
0.5
1.9
5.8
0.5
7.6
ns
VCC = 2.7 V
1.0
2.8
4.5
1.0
5.8
ns
VCC = 3.0 V to 3.6 V
1.0
2.7
4.4
1.0
5.7
ns
VCC = 4.5 V to 5.5 V
0.5
1.9
3.4
0.5
4.6
ns
CPD
power dissipation
capacitance
per buffer; VI = GND to VCC
[5]
output enabled
-
18
-
-
-
pF
output disabled
-
5
-
-
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com