データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10R172L データシート(PDF) 62 Page - STMicroelectronics

部品番号 ST10R172L
部品情報  16-BIT LOW VOLTAGE ROMLESS MCU
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10R172L データシート(HTML) 62 Page - STMicroelectronics

Back Button ST10R172L Datasheet HTML 58Page - STMicroelectronics ST10R172L Datasheet HTML 59Page - STMicroelectronics ST10R172L Datasheet HTML 60Page - STMicroelectronics ST10R172L Datasheet HTML 61Page - STMicroelectronics ST10R172L Datasheet HTML 62Page - STMicroelectronics ST10R172L Datasheet HTML 63Page - STMicroelectronics ST10R172L Datasheet HTML 64Page - STMicroelectronics ST10R172L Datasheet HTML 65Page - STMicroelectronics ST10R172L Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 68 page
background image
62/68
ST10R172L - ELECTRICAL CHARACTERISTICS
1
This is the last chance for BREQ to trigger the regain-sequence indicated.
Even if BREQ is activated earlier, the regain-sequence is initiated by HOLD going high.
Please note that HOLD may also be de-activated without the ST10R172L requesting the
bus.
2
The next ST10R172L driven bus cycle may start here.
Figure 23 External bus arbitration, (regaining the bus)
CLKOUT
HOLD
HLDA
Other
Signals
t
62
CSx
(On P6.x)
t
67
t
62
1)
2)
t
65
t
61
BREQ
t
63
t
62
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68