データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP-101 データシート(PDF) 2 Page - Panasonic Semiconductor

部品番号 DP-101
部品情報  Dual display for the digital pressure sensors of the future
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DP-101 データシート(HTML) 2 Page - Panasonic Semiconductor

  DP-101 Datasheet HTML 1Page - Panasonic Semiconductor DP-101 Datasheet HTML 2Page - Panasonic Semiconductor DP-101 Datasheet HTML 3Page - Panasonic Semiconductor DP-101 Datasheet HTML 4Page - Panasonic Semiconductor DP-101 Datasheet HTML 5Page - Panasonic Semiconductor DP-101 Datasheet HTML 6Page - Panasonic Semiconductor DP-101 Datasheet HTML 7Page - Panasonic Semiconductor DP-101 Datasheet HTML 8Page - Panasonic Semiconductor DP-101 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
The dual display means that the ‘current value’ and the ‘threshold value’ can be displayed at the same
time to improve ease of operation and visual checking.
Introducing a new standard in digital pressure sensor technology.
Industry first. Dual 3-color display makes operation easier!
Dual display allows direct
setting of threshold value
Equipped with a 30 mm 1.181 in square
compact-sized dual display. Because the
current value and the threshold value
can be checked at the same time, the
threshold value can be set and checked
smoothly without having to switch screen
modes. ON / OFF operations are still
carried out while the threshold values
are being set, so setting to the same
sensitivity as dial control-type sensors is
possible. And naturally a key lock
function is also equipped.
m As of November 2005 and based on research conducted by SUNX for 30 mm 1.181 in square sized digital pressure sensors.
‘Current value’ and ‘threshold value’
can be checked at the same time!
Readable digital display!
12 segments are used and an alphanumeric display has been
adopted. This improves visual checking of letters and numbers.
3-color display (Red, Green, Orange)
The main display changes color in line with changes in the
status of output ON / OFF operation, and it also changes color
while setting is in progress. The sensor status can therefore be
understood easily, and operating errors can be reduced.
SET: Orange
OFF: Green (or Red)
ON: Red (or Green)
During normal operation
During setting
A new global standard
Man-hours reduced by
Man-hours reduced by
DP-100 with dual display
Previous model with single display
-91.8
Note current value
Operate MODE key
Adjust threshold value Return to RUN operation
Main
Display
Simply press a button
during RUN operation
m
3/4
3/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com