データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP-101 データシート(PDF) 5 Page - Panasonic Semiconductor

部品番号 DP-101
部品情報  Dual display for the digital pressure sensors of the future
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DP-101 データシート(HTML) 5 Page - Panasonic Semiconductor

  DP-101 Datasheet HTML 1Page - Panasonic Semiconductor DP-101 Datasheet HTML 2Page - Panasonic Semiconductor DP-101 Datasheet HTML 3Page - Panasonic Semiconductor DP-101 Datasheet HTML 4Page - Panasonic Semiconductor DP-101 Datasheet HTML 5Page - Panasonic Semiconductor DP-101 Datasheet HTML 6Page - Panasonic Semiconductor DP-101 Datasheet HTML 7Page - Panasonic Semiconductor DP-101 Datasheet HTML 8Page - Panasonic Semiconductor DP-101 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
The clicking feeling is
transmitted even through gloves.
The buttons have a good clicking touch,
allowing smooth setting.
4
The sensor’s setting operation mode has a 3-level
configuration to suit the frequency of use.
The setting levels are clearly separated into ‘RUN mode’ for operation
settings that are carried out daily, ‘MENU SETTING mode’ for basic settings,
and ‘PRO mode’ for special and detailed setting. These make setting
operations easy to understand and easy to carry out.
Display is orange while setting is in progress
The display appears in red and green during RUN operation, but it changes to orange while setting is in progress, so that the sensor status
can be viewed at a glance.
Default settings that can be used straight away
Easy-to-use default settings are provided for applications that are
used frequently by pressure sensors. The default settings for low
pressure types are ideal for suction checking applications, and those
for high pressure types are ideal for checking reference pressure.
Setting is smooth and easy
Simple setting
Low pressure type
High pressure type
Settings such as threshold value
adjustment and key lock operation
can be carried out while the
sensor is operating.
Basic settings such as output
mode
setting
and
NO
/
NC
switching can be carried out.
RUN operation
While setting
RUN mode
MENU SETTING mode
PRO mode
or
Comparative output 1
ON
OFF
100 kPa
50 kPa
Hysterisys 3digits
0 kPa
Comparative output 1
0 MPa
0.5 MPa
Hysterisys 3digits
1 MPa
MENU SETTING mode
RUN mode
High-level function settings such
as hysteresis adjustment and the
copy function can be carried out.
PRO mode
The clicking feeling is
transmitted even through gloves.
Ideal for
checking
suction
Ideal for
checking
reference
pressure
Red or green when output is ON / OFF
Orange while setting is in progress
Reset function
If a problem ever occurs with the sensor settings, they can be
returned to the default settings.
RUN mode
PRO mode
MENU SETTING mode
Special and
detailed setting
Special and
detailed setting
Buttons with good clicking touch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com