データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP-101 データシート(PDF) 4 Page - Panasonic Semiconductor

部品番号 DP-101
部品情報  Dual display for the digital pressure sensors of the future
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DP-101 データシート(HTML) 4 Page - Panasonic Semiconductor

  DP-101 Datasheet HTML 1Page - Panasonic Semiconductor DP-101 Datasheet HTML 2Page - Panasonic Semiconductor DP-101 Datasheet HTML 3Page - Panasonic Semiconductor DP-101 Datasheet HTML 4Page - Panasonic Semiconductor DP-101 Datasheet HTML 5Page - Panasonic Semiconductor DP-101 Datasheet HTML 6Page - Panasonic Semiconductor DP-101 Datasheet HTML 7Page - Panasonic Semiconductor DP-101 Datasheet HTML 8Page - Panasonic Semiconductor DP-101 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Details
copied
Details transmitted
Details received
5 minutes
approx.
Sensor setting time:
5 minutes 20 seconds approx.
Sensor setting time:
20 seconds approx.
3
Copy function reduces man-hours and human error
Sensors can be connected to a master sensor one by one, and a copy of the
setting details for the master sensor can be transmitted as data to the other
sensors. If making the same settings for multiple sensors, this prevents setting
errors from occurring with the other sensors and also reduces the number of
changes required to instruction manuals when equipment designs are
changed.
Copy function lets work be carried out accurately and quickly
Setting man-hours are reduced and sensor setting time is shortened.
1
Advantage
Setting details can be copied.
5 minutes
approx.
5 minutes
approx.
5 minutes
approx.
5 minutes
approx.
Sensor setting time:
20 minutes approx.
1st equipment:
Master
sensor
1st equipment:
2nd equipment:
3rd equipment:
4th equipment:
2nd equipment:
3rd equipment:
4th equipment:
Previously
DP-100, 1st line
DP-100, 2nd line
20 minutes
approx.
1st equipment:
2nd equipment:
3rd equipment:
4th equipment:
20 minutes
approx.
Number of pressure sensor: For 1 per equipment and 4 per line
Human operating error is reduced.
2
Advantage
Copying via wiring
V
0 V
Comparative output 1
Comparative output 2
V
0 V
Comparative output 1
Comparative output 2
Power supply
Slave sensor
Master sensor
The setting details for the master sensor are
retained, so continuous copying is possible!
For 2nd and subsequent lines, only the data
transmission time is needed.
Because all details are copied automatically, it prevents problems occurring as a result
of human error.
Instruction manuals can be updated easily when changes occur to equipment design!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com