データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP-101 データシート(PDF) 8 Page - Panasonic Semiconductor

部品番号 DP-101
部品情報  Dual display for the digital pressure sensors of the future
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DP-101 データシート(HTML) 8 Page - Panasonic Semiconductor

Back Button DP-101 Datasheet HTML 4Page - Panasonic Semiconductor DP-101 Datasheet HTML 5Page - Panasonic Semiconductor DP-101 Datasheet HTML 6Page - Panasonic Semiconductor DP-101 Datasheet HTML 7Page - Panasonic Semiconductor DP-101 Datasheet HTML 8Page - Panasonic Semiconductor DP-101 Datasheet HTML 9Page - Panasonic Semiconductor DP-101 Datasheet HTML 10Page - Panasonic Semiconductor DP-101 Datasheet HTML 11Page - Panasonic Semiconductor DP-101 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
7
Energy-saving design! Equipped with an ECO mode
This mode lowers the display luminance to cut power consumption
by approximately 30 %. The displays can also be turned off
completely to achieve a power saving of approximately 40 %.
Display refresh rate can be varied
The display refresh rate for the digital displays can be changed to
one of three settings: 250 ms, 500 ms or 1,000 ms. Flickering of the
display can be reduced by making the display refresh rate longer.
Response time can be changed
The response time can be changed in 10 levels from 2.5 ms to
5,000 ms. This prevents chattering and incorrect operation due to
sudden changes in pressure.
Indicates desired values and letters
Other useful functions
Peak hold and Bottom hold functions
The peak values and bottom values for fluctuating pressures can be
displayed using the dual display.
Setting details can be understood at a glance
The DP-100 setting details appear in the digital display. Because the
settings are in numeric form that can be easily understood, it is
useful for times such as when receiving technical support by
telephone.
1st digit: Setting status for
comparative output 1
5th digit: Response time
setting
6th digit: Display unit setting
7th digit: Display refresh rate setting
8th digit: ECO mode setting
2nd digit: Setting status for
comparative output 2
3rd digit: Threshold value setting
4th digit: Display color setting
The code on the main display is 3205.
The sub display reads 7011.
What are the check
codes for the setting?
Blinks alternately
Normal
Current consumption for
24 V power supply:
35 mA or less
ECO-STD
Current consumption for
24 V power supply:
25 mA or less
ECO-FULL
Current consumption for
24 V power supply:
20 mA or less
Approx.
30 % less
Approx.
40 % less
Sub display can be customized
The sub display can be set to indicate any other desired values or
letters apart from the threshold value. This eliminates the need for
tasks such as affixing a label to the device to indicate the normal
pressure value.
Threshold value
ON
OFF
Output
Pressure
Temporary change due to fluctuation
Power consumption
Power consumption
<Desired letter display>
<Unit display><Number display>
Incorrect operation prevented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com