データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST20CX データシート(PDF) 123 Page - STMicroelectronics

部品番号 ST20CX
部品情報  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX データシート(HTML) 123 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 119Page - STMicroelectronics ST20CX Datasheet HTML 120Page - STMicroelectronics ST20CX Datasheet HTML 121Page - STMicroelectronics ST20CX Datasheet HTML 122Page - STMicroelectronics ST20CX Datasheet HTML 123Page - STMicroelectronics ST20CX Datasheet HTML 124Page - STMicroelectronics ST20CX Datasheet HTML 125Page - STMicroelectronics ST20CX Datasheet HTML 126Page - STMicroelectronics ST20CX Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 212 page
background image
lsub
123/212
®
lsub
long subtract
Code: 23 F8
Description: Subtract with borrow in and check for overflow. The result of the
operation, put into Areg,is Breg minus Areg, minus bit 0 of Creg.
Definition:
if (diff
> MostPos)
{
Areg
′← diff − 2BitsPerWord
IntegerOverflow
}
else if (diff
< MostNeg)
{
Areg
′← diff + 2BitsPerWord
IntegerOverflow
}
else
Areg
′← diff
Breg
′← undefined
Creg
′← undefined
where diff
= (Breg − Areg) − Creg
0
–
the value of diff is calculated to unlimited precision
Error signals:
IntegerOverflow can be signalled.
Comments:
Secondary instruction.
See also:
ldiff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More