データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST20CX データシート(PDF) 124 Page - STMicroelectronics

部品番号 ST20CX
部品情報  Instruction Set Reference Manual
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST20CX データシート(HTML) 124 Page - STMicroelectronics

Back Button ST20CX Datasheet HTML 120Page - STMicroelectronics ST20CX Datasheet HTML 121Page - STMicroelectronics ST20CX Datasheet HTML 122Page - STMicroelectronics ST20CX Datasheet HTML 123Page - STMicroelectronics ST20CX Datasheet HTML 124Page - STMicroelectronics ST20CX Datasheet HTML 125Page - STMicroelectronics ST20CX Datasheet HTML 126Page - STMicroelectronics ST20CX Datasheet HTML 127Page - STMicroelectronics ST20CX Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 212 page
background image
lsum
®
124/212
lsum
long sum
Code: 23 F7
Description: Add unsigned numbers with carry in and carry out. Add Breg to Areg
(treated as unsigned numbers) plus carry in from Creg, producing the sum in Areg
and carry out in Breg, without checking for overflow.
Definition:
if (sum
> MostPosUnsigned)
{
Areg
′
unsigned
← sum − 2BitsPerWord
Breg
′← 1
}
else
{
Areg
′
unsigned
← sum
Breg
′← 0
}
Creg
′← undefined
where sum
= Areg
unsigned + Bregunsigned + Creg0
–
the value of sum is calculated to unlimited precision
Error signals: none
Comments:
Secondar y instruction.
See also:
ladd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More