| データシートサーチシステム |
|
ST52T430K3 データシート(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52T430K3 データシート(HTML) 79 Page - STMicroelectronics |
|
79 / 88 page ![]() ST52T430/E430 79/88 Subject to general operating condition for VDD, fosc, and TA, unless otherwise specified. Figure 12.14 Port A and Port C pin Equivalent Circuit Figure 12.15 Port B Pin Equivalent Circuit Table 12.12 Output Driving Current Symbol Parameter Test Conditions Min Typ Max Unit RS Input protection resistor All input Pins 1 k Ω CS Pin Capacitance All input Pins 5 pF V V Device V V V R DD SS SS IN OUT S CS Input/Output V Input/Output Device SS V CS V SS S R OUT VIN VDD |