データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST52T430K3 データシート(PDF) 84 Page - STMicroelectronics

部品番号 ST52T430K3
部品情報  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K3 データシート(HTML) 84 Page - STMicroelectronics

Back Button ST52T430K3 Datasheet HTML 80Page - STMicroelectronics ST52T430K3 Datasheet HTML 81Page - STMicroelectronics ST52T430K3 Datasheet HTML 82Page - STMicroelectronics ST52T430K3 Datasheet HTML 83Page - STMicroelectronics ST52T430K3 Datasheet HTML 84Page - STMicroelectronics ST52T430K3 Datasheet HTML 85Page - STMicroelectronics ST52T430K3 Datasheet HTML 86Page - STMicroelectronics ST52T430K3 Datasheet HTML 87Page - STMicroelectronics ST52T430K3 Datasheet HTML 88Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 84 / 88 page
background image
ST52T430/E430
84/88
Table 12.17 CSDIP32W Shrink PACKAGE MECHANICAL DATA
DIM
mm
inch.
MIN
TYP.
MAX
MIN
TYP.
MAX
A
0.097
0.115
0.133
A1
0.025
0.035
0.045
B
0.016
0.018
0.020
B1
0.035
C
0.008
0.010
0.012
D
1.168
1.180
1.192
D1
1.042
1.050
1.058
E1
0.382
0.390
0.398
e
0.065
0.070
0.075
G
0.375
G1
0.580
G2
0.044
L
0.170
0.175
0.180
Q
0.290
G1
B
e
D1
D
B1
Q
C
G1
E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88