データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST52T430K3 データシート(PDF) 82 Page - STMicroelectronics

部品番号 ST52T430K3
部品情報  8-BIT INTELLIGENT CONTROLLER UNIT ICU Three Timer/PWMs, ADC, SCI
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T430K3 データシート(HTML) 82 Page - STMicroelectronics

Back Button ST52T430K3 Datasheet HTML 78Page - STMicroelectronics ST52T430K3 Datasheet HTML 79Page - STMicroelectronics ST52T430K3 Datasheet HTML 80Page - STMicroelectronics ST52T430K3 Datasheet HTML 81Page - STMicroelectronics ST52T430K3 Datasheet HTML 82Page - STMicroelectronics ST52T430K3 Datasheet HTML 83Page - STMicroelectronics ST52T430K3 Datasheet HTML 84Page - STMicroelectronics ST52T430K3 Datasheet HTML 85Page - STMicroelectronics ST52T430K3 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
ST52T430/E430
82/88
Table 12.15 SS034 PACKAGE MECHANICAL DATA
DIM
mm
inch.
MIN
TYP.
MAX
MIN
TYP.
MAX
A
2.4638
2.6416
0.097
0.104
A1
0.127
0.2921
0.005
0.0115
B
0.3556
0.4826
0.014
0.019
C
0.23114
0.3175
0.0091
0.0125
D
17.7292
18.0594
0.698
0.711
E
7.4168
7.5946
0.292
0.299
e
1.016
0.040
H
10.16
10.414
0.400
0.410
h
0.635
0.7366
0.025
0.029
k0
°
8
°
0
°
8
°
l
0.6096
1.016
0.024
0.040
1
17
18
34
e
B
h
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88