| データシートサーチシステム |
|
ST6397 データシート(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6397 データシート(HTML) 65 Page - STMicroelectronics |
|
65 / 68 page ![]() PACKAGE MECHANICAL DATA Figure 67. ST639x 42 Pin Plastic Dual-In-line Package Dim. mm inches Min Typ Max Min Typ Max A 5.08 0.200 A1 0.51 0.020 B 0.35 0.59 0.014 0.023 B1 0.75 1.42 0.030 0.056 C 0.20 0.36 0.008 0.014 D 36.32 39.12 1.430 1.540 D1 –––––– E 18.54 0.730 E1 13.72 0.540 K1 –––––– K2 –––––– L 2.54 3.81 .100 0.150 e1 1.78 0.070 Number of Pins N42 ORDERING INFORMATION The following chapter deals with the procedure for transfer the Program/Data ROM codes to SGS- THOMSON. Communication of the ROM Codes. To commu- nicate the contents of Program /Data ROM memo- ries to SGS-THOMSON, the customer has to send a 5” Diskette with: – one file in INTEL INTELLEC 8/MDS FORMAT for the PROGRAM Memory – one file in INTEL INTELLEC 8/MDS FORMAT for the ODD and EVEN ODD OSD Characters – one file in INTEL INTELLEC 8/MDS FORMAT for the EEPROM initial content (this file is optional) – a filled Option List form as described in the OPTION LIST paragraph. The program ROM should respect the ROM Mem- ory Map as in Table 22. The ROM code must be generated with ST6 as- sembler. Before programming the EPROM, the buffer of the EPROM programmer must be filled with FFh. ® ST6391,92,93,95,97,99 61/64 |