| データシートサーチシステム |
|
ST6397 データシート(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6397 データシート(HTML) 32 Page - STMicroelectronics |
|
32 / 68 page ![]() TIMERS The ST639x devices offer two on-chip Timer periph- erals consisting of an 8-bit counter with a 7-bit pro- grammable prescaler, thus giving a maximum count of 2 15, and a control logic that allows configuring the peripheral operating mode. Figure 32 shows the timer block diagram. The content of the 8-bit count- ers can be read/written in the Timer/Counter regis- ters TCR that can be addressed in the data space as RAM location at addresses D3h (Timer 1) and DBh (Timer 2). The state of the 7-bit prescaler can be read in the PSC register at addresses D2h (Timer 1) and DAh (Timer 2). The control logic is managed by TSCR registers at D4h (Timer 1) and DCh (Timer 2) addresses as described in the following paragraphs. The following description applies to both Timer 1 and Timer 2. The 8-bit counter is decrement by the output (rising edge) coming from the 7-bit pres- caler and can be loaded and read under program control. When it decrements to zero then the TMZ (timer zero) bit in the TSCR is set to one. If the ETI (enable timer interrupt) bit in the TSCR is also set to one an interrupt request, associated to interrupt vector #3 (for Timer 1) and #1 for Timer 2, is gener- ated. The interrupt of the timer can be used to exit the MCU from the WAIT mode. The prescaler decrements on rising edge. The prescaler input is the oscillator frequency divided by 12. Depending on the division factor programmed by PS2/PS1/PS0 (see Table 9) bits in the TSCR, the clock input of the timer/counter register is multi- plexed to different sources. On division factor 1, the clock input of the prescaler is also that of timer/counter; on factor 2, bit 0 of prescaler register is connectedto the clock input of TCR. This bit changes its state with the half frequency of prescaler clock input. On factor 4, bit 1 of PSC is connected to clock input of TCR, and so on. On di- vision factor 128, the MSB bit 6 of PSC is con- nected to clock input of TCR. The prescaler initialize bit (PSI) in the TSCR register must be set to one to allow the prescaler (and hence the counter) to start. If it is cleared to zero then all of the prescaler bits are set to one and the counter is inhibited from counting. The prescaler can be given any value between 0 and 7Fh by writing to the related register address, if bit PSI in the TSCR register is set to one. The tap of the prescaler is selected using the PS2/PS1/PS0 bits in the control register. Figure 33 shows the timer working principle. Figure 32. Timer Peripheral Block Diagram ® ST6391,92,93,95,97,99 28/64 |