データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST6397 データシート(PDF) 16 Page - STMicroelectronics

部品番号 ST6397
部品情報  8-BIT HCMOS MCUs FOR TV FREQUENCY SYNTHESIS WITH OSD
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6397 データシート(HTML) 16 Page - STMicroelectronics

Back Button ST6397 Datasheet HTML 12Page - STMicroelectronics ST6397 Datasheet HTML 13Page - STMicroelectronics ST6397 Datasheet HTML 14Page - STMicroelectronics ST6397 Datasheet HTML 15Page - STMicroelectronics ST6397 Datasheet HTML 16Page - STMicroelectronics ST6397 Datasheet HTML 17Page - STMicroelectronics ST6397 Datasheet HTML 18Page - STMicroelectronics ST6397 Datasheet HTML 19Page - STMicroelectronics ST6397 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
ROM Page
Device Address
Description
PAGE 0
0000h-007Fh
0080h-07FFh
Reserved
User ROM
PAGE 1
“STATIC”
0800h-0F9Fh
0FA0h-0FEFh
0FF0h-0FF7h
0FF8h-0FFBh
0FFCh-0FFDh
0FFEh-0FFFh
User ROM
Reserved
Interrupt Vectors
Reserved
NMI Vector
Reset Vector
PAGE 2
0000h-000Fh
0010h-07FFh
Reserved
User ROM
PAGE 3
0000h-000Fh
0010h-07FFh
Reserved
User ROM
PAGE 4
0000h-000Fh
0010h-07FFh
Reserved
User ROM
PAGE 5
0000h-000Fh
0010h-07FFh
Reserved
User ROM
PAGE 6
0000h-000Fh
0010h-07FFh
Reserved
User ROM
PAGE 7
0000h-000Fh
0010h-07FFh
Reserved
User ROM (End of 16K ST6391,93,99)
PAGE 8
0000h-000Fh
0010h-07FFh
Reserved
User ROM
PAGE 9
0000h-000Fh
0010h-07FFh
Reserved
User ROM (End of 20K ST6392,95,97)
Table 4. ST639x Program ROM Map (up to 20K Bytes)
MEMORY SPACES (Continued)
®
ST6391,92,93,95,97,99
12/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68