| データシートサーチシステム |
|
ST6397 データシート(PDF) 61 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6397 データシート(HTML) 61 Page - STMicroelectronics |
|
61 / 68 page ![]() ABSOLUTE MAXIMUM RATINGS This product contains devices to protect the inputs against damage due to high static voltages, how- ever it is advised to take normal precaution to avoid application of any voltage higher than maximum rated voltages. For proper operation it is recommended that VI and VO must be higher than VSS and smaller than VDD. Reliability is enhanced if unused inputs are con- nected to an appropriated logic voltage level (VDD or VSS). Power Considerations. The average chip-junc- tion temperature, Tj, in Celsius can be obtained from : Tj = TA + PD x RthJA Where :TA = Ambient Temperature. RthJA = Package thermal resistance (junction-to ambient). PD = Pint + Pport. Pint = IDD xVDD (chip internal power). Pport = Port power dissipation (determinated by the user). Symbol Parameter Value Unit VDD Supply Voltage -0.3 to 7.0 V VI Input Voltage (AFC IN) V SS - 0.3 to +13 V VI Input Voltage (Other Inputs) V SS - 0.3 to VDD +0.3 V VO Output Voltage (PA4-PA7, PC4-PC7, DA0-DA5) VSS - 0.3 to +13 V VO Output Voltage (Other Outputs) V SS - 0.3 to VDD +0.3 V IO Current Drain per Pin Excluding VDD,VSS, PA6, PA7 ± 10 mA IO Current Drain per Pin (PA6, PA7) ± 50 mA IVDD Total Current into VDD (source) 50 mA IVSS Total Current out of VSS (sink) 150 mA Tj Junction Temperature 150 °C TSTG Storage Temperature -60 to 150 °C Note : Stresses above those listed as “absolute maximum ratings” may cause permanent damage to the device . This is a stress rating only and functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect device reliability. Symbol Parameter Test Conditions Value Unit Min. Typ. Max. RthJA Thermal Resistance PSDIP42 67 °C/W THERMAL CHARACTERISTIC Symbol Parameter Test Conditions Value Unit Min. Typ. Max. TA Operating Temperature 1 Suffix Version 0 70 °C VDD Operating Supply Voltage 4.5 5.0 6.0 V fOSC Oscillator Frequency RUN & WAIT Modes 8 8.1 MHz fOSDOSC On-screen Display Oscillator Frequency 8.0 MHz RECOMMENDED OPERATING CONDITIONS ® ST6391,92,93,95,97,99 57/64 |