| データシートサーチシステム |
|
ST6397 データシート(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST6397 データシート(HTML) 59 Page - STMicroelectronics |
|
59 / 68 page ![]() SOFTWARE DESCRIPTION (Continued) Conditional Branch. The branch instructions achieve a branch in the program when the selected condition is met. See Table 18. Bit Manipulation Instructions. These instructions can handle any bit in data space memory. One group either sets or clears. The other group (see Conditional Branch) performs the bit test branch operations. See Table 19. Control Instructions. The control instructions control the MCU operations during program execu- tion. See Table 20. Jump and Call. These two instructions are used to perform long (12-bit) jumps or subroutines call inside the whole program space. Refer to Table 21. Instruction Branch If Bytes Cycles Flags ZC JRC e C = 1 1 2 * * JRNC e C = 0 1 2 * * JRZ e Z = 1 1 2 * * JRNZ e Z = 0 1 2 * * JRR b, rr, ee Bit = 0 3 5 * ∆ JRS b, rr, ee Bit = 1 3 5 * ∆ Notes: b. 3-bit address rr. Data space register e. 5 bit signed displacement in the range -15 to +16 ∆ . Affected ee. 8 bit signed displacement in the range -126 to +129 * . Not Affected Table 18. Conditional Branch Instructions Instruction Addressing Mode Bytes Cycles Flags ZC SET b,rr Bit Direct 2 4 * * RES b,rr Bit Direct 2 4 * * Notes: b. 3-bit address; * . Not Affected rr. Data space register; Table 19. Bit Manipulation Instructions Instruction Addressing Mode Bytes Cycles Flags ZC NOP Inherent 1 2 * * RET Inherent 1 2 * * RETI Inherent 1 2 ∆∆ STOP (1) Inherent 1 2 * * WAIT Inherent 1 2 * * Notes: 1. This instruction is deactivated and a WAITis automatically executed instead of a STOP if the hardware activated watchdog function is selected. ∆ . Affected * . Not Affected Table 20. Control Instructions Instruction Addressing Mode Bytes Cycles Flags ZC CALL abc Extended 2 4 * * JP abc Extended 2 4 * * Notes: abc.12-bit address; * . Not Affected Table 21. Jump & Call Instructions ® ST6391,92,93,95,97,99 55/64 |