データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP80390 データシート(PDF) 41 Page - Digital Core Design

部品番号 DP80390
部品情報  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DCD [Digital Core Design]
ホームページ  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 データシート(HTML) 41 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 37Page - Digital Core Design DP80390 Datasheet HTML 38Page - Digital Core Design DP80390 Datasheet HTML 39Page - Digital Core Design DP80390 Datasheet HTML 40Page - Digital Core Design DP80390 Datasheet HTML 41Page - Digital Core Design DP80390 Datasheet HTML 42Page - Digital Core Design DP80390 Datasheet HTML 43Page - Digital Core Design DP80390 Datasheet HTML 44Page - Digital Core Design DP80390 Datasheet HTML 45Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
DP80390 Instructions set details
- 41 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.14.
JB
Instruction:
JB bit, rel
Function:
Jump if bit is set
Description:
If the indicated bit is a one, jump to the address indicated; otherwise
proceed with the next instruction. The branch destination is computed
by adding the signed relative-displacement in the third instruction byte
to the PC, after incrementing the PC to the first byte of the next
instruction. The bit tested is not modified. No flags are affected.
Operation:
(PC)
← (PC) + 3
if (bit) = 1 then
(PC)
← (PC) + rel
Bytes:
3
Cycles:
5
Encoding:
0
0
1
0
0
0
0
0
bit address
relative address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84