データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP80390 データシート(PDF) 81 Page - Digital Core Design

部品番号 DP80390
部品情報  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DCD [Digital Core Design]
ホームページ  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 データシート(HTML) 81 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 76Page - Digital Core Design DP80390 Datasheet HTML 77Page - Digital Core Design DP80390 Datasheet HTML 78Page - Digital Core Design DP80390 Datasheet HTML 79Page - Digital Core Design DP80390 Datasheet HTML 80Page - Digital Core Design DP80390 Datasheet HTML 81Page - Digital Core Design DP80390 Datasheet HTML 82Page - Digital Core Design DP80390 Datasheet HTML 83Page - Digital Core Design DP80390 Datasheet HTML 84Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 81 / 84 page
background image
DP80390 Instructions set details
- 81 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.43.
XCHD
Instruction:
XCHD A, @Ri
Function:
Exchange digit
Description:
XCHD exchanges the low-order nibble of the accumulator (bits 3-0,
generally representing a hexadecimal or BCD digit), with that of the
internal RAM location indirectly addressed by the specified register. The
high-order nibbles (bits 7-4) of each register are not affected. No flags
are affected.
Operation:
(PC)
← (PC) + 1
(A3-0)
↔ ((Ri)3-0)
Bytes:
1
Cycles:
3
Encoding:
1
1
0
1
0
1
1
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84