データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP80390 データシート(PDF) 79 Page - Digital Core Design

部品番号 DP80390
部品情報  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DCD [Digital Core Design]
ホームページ  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 データシート(HTML) 79 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 75Page - Digital Core Design DP80390 Datasheet HTML 76Page - Digital Core Design DP80390 Datasheet HTML 77Page - Digital Core Design DP80390 Datasheet HTML 78Page - Digital Core Design DP80390 Datasheet HTML 79Page - Digital Core Design DP80390 Datasheet HTML 80Page - Digital Core Design DP80390 Datasheet HTML 81Page - Digital Core Design DP80390 Datasheet HTML 82Page - Digital Core Design DP80390 Datasheet HTML 83Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 84 page
background image
DP80390 Instructions set details
- 79 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.41.
SWAP
Instruction:
SWAP A
Function:
Swap nibbles within the accumulator
Description:
SWAP A interchanges the low and high-order nibbles (four-bit fields) of
the accumulator (bits 3-0 and bits 7-4). The operation can also be
thought of as a four-bit rotate instruction. No flags are affected.
Operation:
(PC)
← (PC) + 1
(A3-0)
↔ (A7-4),
(A7-4)
↔ (A3-0)
Bytes:
1
Cycles:
1
Encoding:
1
1
0
0
0
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84