データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP80390 データシート(PDF) 48 Page - Digital Core Design

部品番号 DP80390
部品情報  Pipelined High Performance Microcontroller Instructions set details ver 3.10
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DCD [Digital Core Design]
ホームページ  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP80390 データシート(HTML) 48 Page - Digital Core Design

Back Button DP80390 Datasheet HTML 44Page - Digital Core Design DP80390 Datasheet HTML 45Page - Digital Core Design DP80390 Datasheet HTML 46Page - Digital Core Design DP80390 Datasheet HTML 47Page - Digital Core Design DP80390 Datasheet HTML 48Page - Digital Core Design DP80390 Datasheet HTML 49Page - Digital Core Design DP80390 Datasheet HTML 50Page - Digital Core Design DP80390 Datasheet HTML 51Page - Digital Core Design DP80390 Datasheet HTML 52Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
DP80390 Instructions set details
- 48 -
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
3.21.
JZ
Instruction:
JZ rel
Function:
Jump if accumulator is zero
Description:
If all bits of the accumulator are zero, branch to the address indicated;
otherwise proceed with the next instruction. The branch destination is
computed by adding the signed relative-displacement in the second
instruction byte to the PC, after incrementing the PC twice. The
accumulator is not modified. No flags are affected.
Operation:
(PC)
← (PC) + 2
if (A) = 0 then
(PC)
← (PC) + rel
Bytes:
2
Cycles:
4
Encoding:
0
1
1
0
0
0
0
0
relative address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84