| データシートサーチシステム |
|
STLC1502 データシート(PDF) 67 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC1502 データシート(HTML) 67 Page - STMicroelectronics |
|
67 / 81 page ![]() 67/81 STLC1502 10.0 PCM Interface The PCM interface is used to actually send and receive voice samples. On the other side, the PCM Block has an interface to the D950 Xbus. Moreover two other signals to feed the master clock and the hardware reset are present. Address Register Name R/W Notes DPORT_regBase+ 0x0 ARM_MAILBOX R It contains the pending inter- rupt requests that notify to the D950 has a message coming from the ARM to read. There is an interrupt line for each message class DPORT_regBase+ 0x1 ARM_MAILBOX_M ASK R/W It contains the mask for the ARM_MAILBOX DPORT_regBase+ 0x2 D950_MAILBOX R It contains the pending inter- rupt requests that notify to the ARM has a message coming from the D950 to read. There is an interrupt line for each message class DPORT_regBase+ 0x3 D950_MAILBOX_ MASK R It contains the mask for the D950_MAILBOX |