データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLC1502 データシート(PDF) 34 Page - STMicroelectronics

部品番号 STLC1502
部品情報  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 データシート(HTML) 34 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 30Page - STMicroelectronics STLC1502 Datasheet HTML 31Page - STMicroelectronics STLC1502 Datasheet HTML 32Page - STMicroelectronics STLC1502 Datasheet HTML 33Page - STMicroelectronics STLC1502 Datasheet HTML 34Page - STMicroelectronics STLC1502 Datasheet HTML 35Page - STMicroelectronics STLC1502 Datasheet HTML 36Page - STMicroelectronics STLC1502 Datasheet HTML 37Page - STMicroelectronics STLC1502 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 81 page
background image
STLC1502
34/81
The offset of any particular register from the base address is the following.
Address
Register Name
R/W
Notes
TimerBase + 0x00
Timer1Load
R/W
Timer1Load. The Load register
contains the initial value of the timer
and is also used as the reload
value in periodic timer mode.
TimerBase + 0x04
Timer1Value
R
Timer1Value. The Value location
gives the current value of the timer.
TimerBase + 0x08
Timer1Control
R/W
Timer1Control. The Control regis-
ter provides enable/disable, mode
and prescale configurations for the
timer (see Figure 10).
TimerBase + 0x0C
Timer1Clear
W
Timer1Clear. Writing to the Clear
location clears an interrupt gener-
ated by the counter timer.
TimerBase + 0x10
Timer2Load
R/W
Timer2Load. The Load register
contains the initial value of the timer
and is also used as the reload
value in periodic timer mode.
TimerBase + 0x14
Timer2Value
R
Timer2Value. The Value location
gives the current value of the timer.
TimerBase + 0x18
Timer2Control
R/W
Timer2Control. The Control regis-
ter provides enable/disable, mode
and prescale configurations for the
timer (see Figure 10).
TimerBase + 0x1C
Timer2Clear
W
Timer2Clear. Writing to the Clear
location clears an interrupt gener-
ated by the counter timer.
TimerBase + 0x20
Timer3Load
R/W
Timer3Load. The Load register
contains the initial value of the timer
and is also used as the reload
value in periodic timer mode.
TimerBase + 0x24
Timer3Value
R
Timer3Value. The Value location
gives the current value of the timer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81