| データシートサーチシステム |
|
STLC1502 データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STLC1502 データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 81 page ![]() STLC1502 28/81 Eth_base2+ 0x0024 RX_DMA_CXFER RX DMA Current Transfer Count Regis- ter Eth_base2+ 0x0028 RX_DMA_TO RX DMA FIFO Time Out Register Eth_base2+ 0x002C RX_DMA FIFO RX DMA FIFO Status Register Eth_base2+ 0x0030 RXV_DMA_CNTL RX Voice DMA Control Register Eth_base2+ 0x0034 RXV_DMA_ADDR RX Voice DMA Base Address Register Eth_base2+ 0x0038 RXV_DMA_NXT RX Voice DMA Next Descriptor Address Register Eth_base2+0x003C- Eth_base2+004C Reserved Eth_base2+ 0x0050 TX_DMA_START TX DMA start Register Eth_base2+ 0x0054 TXD_DMA_CNTL TX Data DMA Control Register Eth_base2+ 0x0058 TXD_DMA_ADDR TX Data DMA Base Address Register Eth_base2+ 0x005C TXD_DMA_NXT TX Data DMA Next Descriptor Address Register Eth_base2+ 0x0060 TX_DMA_CADDR TX DMA Current Address Register Eth_base2+ 0x0064 TX_DMA_CXFER TX DMA Current Transfer Count Regis- ter Eth_base2+ 0x0068 TX_DMA_TO TX DMA FIFO Time Out Register Eth_base2+ 0x006C TX_DMA FIFO TX DMA FIFO Status Register Eth_base2+ 0x0070 TXV_DMA_CNTL TX Voice DMA Control Register Eth_base2+ 0x0074 TXV_DMA_ADDR TX Voice DMA Base Address Register Eth_base2+ 0x0078 TXV_DMA_NXT TX Voice DMA Next Descriptor Address Register Eth_base2+0x007C- Eth_base2+ 0x00FC Reserved Eth_base2+ 0x0100 RX_FIFO_0 RX FIFO 32 bit word #0 .... ... ... Address Register Name Notes |