データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STLC1502 データシート(PDF) 78 Page - STMicroelectronics

部品番号 STLC1502
部品情報  VOICE OVER IP PROCESSOR
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC1502 データシート(HTML) 78 Page - STMicroelectronics

Back Button STLC1502 Datasheet HTML 73Page - STMicroelectronics STLC1502 Datasheet HTML 74Page - STMicroelectronics STLC1502 Datasheet HTML 75Page - STMicroelectronics STLC1502 Datasheet HTML 76Page - STMicroelectronics STLC1502 Datasheet HTML 77Page - STMicroelectronics STLC1502 Datasheet HTML 78Page - STMicroelectronics STLC1502 Datasheet HTML 79Page - STMicroelectronics STLC1502 Datasheet HTML 80Page - STMicroelectronics STLC1502 Datasheet HTML 81Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 78 / 81 page
background image
STLC1502
78/81
MII Receive Timing
MII Transmit Timing
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
MII Transmit Timing Specification
t1
TX-ER,TX-EN,TXD[3:0]
Setup to TX-CLK Rise
10
—ns
t2
TX-ER,TX-EN,TXD[3:0] Hold
After TX-CLK Rise
025
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81