| データシートサーチシステム |
|
SABRE-LL-I データシート(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SABRE-LL-I データシート(HTML) 63 Page - STMicroelectronics |
|
63 / 141 page ![]() SABRE-LL-I Power bridges 63/141 By means of MixDecPhA[4:0] and MixDecPhB[4:0] in StepCfg2 register, the percentage of Toff time during which each phase will stay in fast decay mode could be programmed according to following table: 01001 20 us 01010 22 us 01011 24 us 01100 26 us 01101 28 us 01110 30 us 01111 32 us 10000 34 us 10001 36 us 10010 38 us 10011 40 us 10100 42 us 10101 44 us 10110 46 us 10111 48 us 11000 50 us 11001 52 us 11010 54 us 11011 56 us 11100 58 us 11101 60 us 11110 62 us 11111 64 us Table 42. Stepper off time (continued) StepOffTime[4:0] Off time Unit Typ |