| データシートサーチシステム |
|
SABRE-LL-I データシート(PDF) 94 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SABRE-LL-I データシート(HTML) 94 Page - STMicroelectronics |
|
94 / 141 page ![]() GPIO pins SABRE-LL-I 94/141 GPIO[5] - ADC input - SPI IN - SPI OUT - Reg. loop 1 - Comp1 out - AuxPwm3 Slave Control Full driver BB powered by V3v3 GPIO[6] - ADC input - SPI IN - Low Pow Sw 1 - SPI OUT - A2DGpo - AuxPwm2 - Comp2 out Full driver connected to VGPIO_SPI GPIO[7] - ADC input - SPI IN - Low Pow Sw 2 - SPI OUT - AuxPwm1 - AuxPwm3 - Comp1 out Full driver connected to VGPIO_SPI GPIO[8] - ADC input - SPI IN(2) - CurrDAC - SPI OUT - AuxPwm1 - AuxPwm3 - Comp2 out 5 volt input tolerant Open drain output GPIO[9] - ADC input - OpAmp1 in+ - SPI IN - ID 1 - IN PWM - SPI OUT - Interrupt contr. - AuxPwm1 - Reg. loop 3 Full driver connected to VGPIO_SPI GPIO[10] - ADC input - OpAmp1 in- - SPI IN - ID 2 - IN PWM - SPI OUT - Interrupt ctrl. - AuxPwm2 - AuxPwm3 Full driver connected to VGPIO_SPI GPIO[11] - ADC input - SPI IN - IN PWM - OpAmp1 Out - SPI OUT - A2DGpo - AuxPwm1 - AuxPwm2 Full driver connected to VGPIO_SPI GPIO[12] - ADC input - OpAmp2 in+ - SPI IN - STEP_REQ - SPI OUT - Interrupt ctrl - Comp2 out - Reg. loop 2 Full driver BB (can be powered by V3v3 with a metal change) Table 67. GPIO functions description (continued) Pin Name Function(1) Notes Input Output Special Analog Digital Analog Digital |