| データシートサーチシステム |
|
SABRE-LL-I データシート(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SABRE-LL-I データシート(HTML) 48 Page - STMicroelectronics |
|
48 / 141 page ![]() Power bridges SABRE-LL-I 48/141 two half bridges are configured as a full bridge, only the PWM signal chosen for side A will be used to drive the resulting H bridge. More in detail the PWM selection truth table will be as describe in the following tables: Here below is reported a block diagram representing the possible PWM choices for each S.A.B.Re half bridges. The figure is related only to bridges 1 and 2, but it could be assumed to be valid also for bridges 3 and 4, with few differences due to different possible configurations of these last drivers. Table 27. PWM selection truth for bridge 1 or 2 MtrXSelPWMSideY [1] MtrXSelPWMSideY [0] Selected PWM(1) 1. In this table X stands for 1 or 2, Y stands for A or B. 00 MotorXPWM (Configurable by means of MtrXCfg register). 01 AuxXPWM (Configurable by means of AuxPwmXCtrl register). 1 0 ExtPWM1 (from GPIO 9 input) 1 1 ExtPWM2 (from GPIO 10 input) Table 28. PWM selection truth for bridge 3 or 4 MtrXSelPWMSideY [1] MtrXSelPWMSideY [0] Selected PWM(1) 1. In this table X stands for 3 or 4, Y stands for A or B. 00 MotorXPWM (Configurable by means of MtrXCfg register). 01 AuxXPWM (Configurable by means of AuxPwmXCtrl register). 1 0 ExtPWM3 (from GPIO 2 input) 1 1 ExtPWM4 (from GPIO 11 input) |