| データシートサーチシステム |
|
SABRE-LL-I データシート(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SABRE-LL-I データシート(HTML) 30 Page - STMicroelectronics |
|
30 / 141 page ![]() Start-up configurations SABRE-LL-I 30/141 When in this mode the power-up sequence is: 1. Auxiliary switching regulator1 (VAUX1_SW). 2. Main switching regulator (VMAIN_SW) together with main linear regulator (VMAIN_LIN). 3. Auxiliary switching regulator2 (VAUX2_SW) (Not system regulator). 8.7.3 Regulators mode In this configuration bridge 4 can be configured by firmware while bridge 3 is configured as two separate synchronous switching regulators, but the start up sequence is different previous one. When in this mode the power-up sequence is: 1. Main switching regulator (VMAIN_SW). 2. Auxiliary switching regulator1 (VAUX1_SW) 3. Auxiliary switching regulator2 (VAUX2_SW) 8.7.4 Simple regulator mode (KT) Also in this configuration Bridge 4 can be configured by firmware while Bridge3 is configured as two separate synchronous switching regulators. The last regulator in the sequence (VMAIN_SW).is not considered a system regulator. When in this mode the power-up sequence is: 1. Auxiliary switching regulator1 (VAUX1_SW). 2. Auxiliary switching regulator2 (VAUX2_SW) 3. Main linear regulator (VMAIN_LIN) 4. Main switching regulator (VMAIN_SW) (not system regulator). 8.7.5 Bridge+ VEXT mode In this configuration bridges 3 and 4 are not used as regulators and the regulator obtained using the switching regulator controller (VEXT) is included in start-up. When in this mode the power-up sequence is: 1. Main switching regulator (VMAIN_SW). 2. Switching regulator controller regulator (VEXT). 3. Main linear regulator (VMAIN_LIN). 8.7.6 Secondary regulators mode In this configuration, bridge 3 is configured as a single synchronous switching regulator using its two half bridges in parallel (VAUX_(1//2)SW). When in this mode the power-up sequence is: 1. Main switching regulator (VMAIN_SW). 2. Auxiliary switching regulator (VAUX(1//2)_SW). 3. Main linear regulator (VMAIN_LIN). |