| データシートサーチシステム |
|
SABRE-LL-I データシート(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SABRE-LL-I データシート(HTML) 28 Page - STMicroelectronics |
|
28 / 141 page ![]() Start-up configurations SABRE-LL-I 28/141 8.3 Basic device mode The basic device mode is selected by leaving the GPIO[0] pin floating. In this mode S.A.B.Re doesn’t use GPIO[3] and GPIO[4] as configuration pins, leaving them free for other uses. When in this mode the regulators included in the start up sequence (except VMAIN_SW) are considered as system regulators and they start in the following sequence: 1. Auxiliary switching regulator1 (VAUX1_SW). 2. Auxiliary switching regulator2 (VAUX2_SW). 3. Main linear regulator (VMAIN_LIN). 4. Main switching regulator (VMAIN_SW) (Not system regulator). Table 15. Start-up correspondence Pin state(1) 1. “X” means “don’t care”. Major mode Minor mode(2) 2. The description of these modes is in the following paragraph 9.7. GPIO[0] GPIO[3] GPIO[4] ZX X Basic 000 Single Bridge 0 0 Z Primary regulator 001 Regulators 0 Z 0 Simple regulator 0 Z Z Bridge + VEXT 0 Z 1 Secondary Regulators 010 Master Bridge 0 1 Z Primary regulator 011 Regulators 1 0 0 Simple regulator 1 0 Z Bridge + VEXT 1 0 1 Secondary Regulators 1Z 0 Slave Bridge 1 Z Z Primary regulator 1 Z 1 Regulators 1 1 0 Simple regulator 1 1 Z Bridge + VEXT 1 1 1 Secondary Regulators. |