| データシートサーチシステム |
|
M306V2EEFS データシート(PDF) 36 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFS データシート(HTML) 36 Page - Renesas Technology Corp |
|
36 / 271 page ![]() Rev.1.40 Oct 06, 2004 page 36 of 269 M306V2ME-XXXFP, M306V2EEFP 2.5 Clock Generating Circuit The clock generating circuit contains 2 oscillator circuits that supply the operating clock sources to the CPU and internal peripheral units and 1 oscillator circuit that supplies the operating clock source to OSD. Table 2.5.1. Clock oscillation circuits Main clock oscillation circuit Sub-clock oscillation circuit OSD oscillation circuit Use of clock• CPU’s operating clock • CPU’s operating clock • OSD’s operating clock source source source • Internal peripheral units’ • Timer A/B’s count clock operating clock source source Usable oscillator •Ceramic resonator •Quartz-crystal oscillator •Ceramic resonator (or quartz-crystal oscillator) (or quartz-crystal oscillator) •LC oscillator Pins to connect XIN, XOUT XIN, XOUT OSC1, OSC2 oscillator Oscillation stop/restart Available Available function Oscillator status Oscillating Stopped immediately after reset Other Externally derived clock can be input |