| データシートサーチシステム |
|
M306V2EEFS データシート(PDF) 84 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFS データシート(HTML) 84 Page - Renesas Technology Corp |
|
84 / 271 page ![]() Rev.1.40 Oct 06, 2004 page 84 of 269 M306V2ME-XXXFP, M306V2EEFP Figure 2.10.10 Clock prescaler reset flag TA1TGL Symbol Address When reset TRGSR 038316 0016 Timer A1 event/trigger select bit 0 0 : Do not set 0 1 : TB2 overflow is selected 1 0 : TA0 overflow is selected 1 1 : TA2 overflow is selected Trigger select register Bit name Function Bit symbol b7 b6 b5 b4 b3 b2 b1 b0 0 0 : Do not set 0 1 : TB2 overflow is selected 1 0 : TA1 overflow is selected 1 1 : TA3 overflow is selected 0 0 : Do not set 0 1 : TB2 overflow is selected 1 0 : TA2 overflow is selected 1 1 : TA4 overflow is selected 0 0 : Do not set 0 1 : TB2 overflow is selected 1 0 : TA3 overflow is selected 1 1 : TA0 overflow is selected Timer A2 event/trigger select bit Timer A3 event/trigger select bit Timer A4 event/trigger select bit W R TA1TGH TA2TGL TA2TGH TA3TGL TA3TGH TA4TGL TA4TGH b1 b0 b3 b2 b5 b4 b7 b6 Symbol Address When reset CPSRF 038116 0XXXXXXX2 Clock prescaler reset flag Bit name Function Bit symbol b7 b6 b5 b4 b3 b2 b1 b0 Clock prescaler reset flag 0 : No effect 1 : Prescaler is reset (When read, the value is “0”) CPSR W R Nothing is assigned. In an attempt to write to these bits, write “0.” The value, if read, turns out to be indeterminate. Figure 2.10.9 Trigger select register |