| データシートサーチシステム |
|
M306V2EEFS データシート(PDF) 26 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFS データシート(HTML) 26 Page - Renesas Technology Corp |
|
26 / 271 page ![]() Rev.1.40 Oct 06, 2004 page 26 of 269 M306V2ME-XXXFP, M306V2EEFP Single-chip mode SFR area OSD RAM Internal RAM area Memory expansion mode Microprocessor mode 0000016 0040016 013FF16 02C0016 03FFF16 External area : Accessing this area allows you to access a device connected external to the microcomputer. Internal reserved area Not used 9000016 OSD ROM AFFFF16 CFFFF16 Internal ROM area FFFFF16 SFR area OSD RAM Internal RAM area External area SFR area OSD RAM Internal RAM area External area 003FF16 0140016 02BFF16 0400016 8FFFF16 B000016 Internal reserved area D000016 Internal reserved area Internal reserved area External area OSD ROM OSD ROM Internal reserved area Internal ROM area Figure 2.4.3 Memory maps in each processor mode |