| データシートサーチシステム |
|
M306V2EEFS データシート(PDF) 31 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFS データシート(HTML) 31 Page - Renesas Technology Corp |
|
31 / 271 page ![]() Rev.1.40 Oct 06, 2004 page 31 of 269 M306V2ME-XXXFP, M306V2EEFP (4) ALE signal The ALE signal latches the address when accessing the multiplex bus space. Latch the address when the ALE signal falls. Figure 2.4.5 ALE signal and address/data bus When BYTE pin = “H” When BYTE pin = “L” ALE Address Data (Note 1) Address (Note 2) D0/A0 to D7/A7 A8 to A19 ALE Address Data (Note 1) Address D0/A1 to D7/A8 A9 to A19 Address A0 Notes 1: Floating when reading. 2: When multiplexed bus for the entire space is selected, these are I/O ports. |