| データシートサーチシステム |
|
M306V2EEFS データシート(PDF) 222 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFS データシート(HTML) 222 Page - Renesas Technology Corp |
|
222 / 271 page ![]() Rev.1.40 Oct 06, 2004 page 222 of 269 M306V2ME-XXXFP, M306V2EEFP Figure 2.16.42 SPRITE OSD control register SPRITE font 1 control bit b3 b2 0 0: 1Tc ✕ 1/2H 0 1: 1Tc ✕ 1H 1 0: 2Tc ✕ 1H 1 1: 2Tc ✕ 2H Dot size selection bits SPRITE font 2 control bit Pre-divide ratio selection bit 0: Pre-divide ratio 1 1: Pre-divide ratio 2 0: Do not display 1: Display 0: Do not display 1: Display Notes 1: Tc is OSD clock cycle divided in pre-divide circuit. 2: H is HSYNC b7 b6 b5 b4 b3 b2 b1 b0 SPRITE OSD control register Bit symbol Bit name Function Symbol SC Address 020116 When reset XXX000002 R W SC0 SC1 SC2 SC4 SC3 Nothing is assigned. In an attempt to write to these bits, write “0.” The value, if read, turns out to be “0.” |