| データシートサーチシステム |
|
M306V2EEFS データシート(PDF) 227 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M306V2EEFS データシート(HTML) 227 Page - Renesas Technology Corp |
|
227 / 271 page ![]() Rev.1.40 Oct 06, 2004 page 227 of 269 M306V2ME-XXXFP, M306V2EEFP Figure 2.16.49 Left border control register Figure 2.16.50 Right border control register Left border control register b7 b6 b5 b4 b3 b2 b1 b0 (b15) b7 (b8) b0 b6 b5 b4 b3 b2 b1 Symbol Address When reset LBR 027116, 027016 XXXXX000000000012 Bit symbol LBR_10 to LBR_0 Left border control bits Bit name Function R W Left border position = 4TOSC ✕ n (n: setting value, TOSC: OSD oscillation cycle) Nothing is assined. In an attempt to write to this bit, write “0.” The value, if read, turns out to be indeterminate. Notes 1 : Do not set LBR ≤ “00316,” LBR ≥ “80016.” 2 : Set as LBR < RBR. Right border control register b7 b6 b5 b4 b3 b2 b1 b0 (b15) b7 (b8) b0 b6 b5 b4 b3 b2 b1 Symbol Address When reset RBR 027316, 027216 XXXXX000000000002 Bit symbol RBR_10 to RBR_0 Right border control bits Bit name Function R W Left border position = 4TOSC ✕ n (n: setting value, TOSC: OSD oscillation cycle) Nothing is assined. In an attempt to write to this bit, write “0.” The value, if read, turns out to be indeterminate. Notes 1 : Do not set RBR ≥ “80016.” 2 : Set as LBR < RBR. |