| データシートサーチシステム |
|
H8S2245 データシート(PDF) 371 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 371 Page - Renesas Technology Corp |
|
371 / 818 page ![]() Section 9 16-Bit Timer Pulse Unit (TPU) Rev.3.00 Mar. 26, 2007 Page 329 of 772 REJ09B0355-0300 Buffer register Timer general register TCNT Input capture signal Figure 9.17 Input Capture Buffer Operation Example of Buffer Operation Setting Procedure Figure 9.18 shows an example of the buffer operation setting procedure. Select TGR function Buffer operation Set buffer operation Start count <Buffer operation> [1] [2] [3] [1] Designate TGR as an input capture register or output compare register by means of TIOR. [2] Designate TGR for buffer operation with bits BFA and BFB in TMDR. [3] Set the CST bit in TSTR to 1 to start the count operation. Figure 9.18 Example of Buffer Operation Setting Procedure |