| データシートサーチシステム |
|
H8S2245 データシート(PDF) 372 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S2245 データシート(HTML) 372 Page - Renesas Technology Corp |
|
372 / 818 page ![]() Section 9 16-Bit Timer Pulse Unit (TPU) Rev.3.00 Mar. 26, 2007 Page 330 of 772 REJ09B0355-0300 Examples of Buffer Operation When TGR is an output compare register: Figure 9.19 shows an operation example in which PWM mode 1 has been designated for channel 0, and buffer operation has been designated for TGRA and TGRC. The settings used in this example are TCNT clearing by compare match B, 1 output at compare match A, and 0 output at compare match B. As buffer operation has been set, when compare match A occurs the output changes and the value in buffer register TGRC is simultaneously transferred to timer general register TGRA. This operation is repeated each time compare match A occurs. For details of PWM modes, see section 9.4.5, PWM Modes. TCNT value TGR0B H'0000 TGR0C Time TGR0A H'0200 H'0520 TIOCA H'0200 H'0450 H'0520 H'0450 TGR0A H'0450 H'0200 Transfer Figure 9.19 Example of Buffer Operation (1) |