| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 837 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 837 Page - Renesas Technology Corp |
|
837 / 1075 page ![]() Appendix A Instruction Set Rev. 3.00 Jan 18, 2006 page 809 of 1044 REJ09B0280-0300 Appendix A Instruction Set A.1 Instruction Operation Notation Rd General register (destination )* 1 Rs General register (source)* 1 Rn General register* 1 ERn General register (32-bit register) MAC Multiply-and-accumulate register (32-bit register)* 2 (EAd) Destination operand (EAs) Source operand EXR Extend register CCR Condition code register N N (negative) flag in CCR Z Z (zero) flag in CCR V V (overflow) flag in CCR C C (carry) flag in CCR PC Program counter SP Stack pointer #IMM Immediate data disp Displacement + Addition – Subtraction × Multiplication ÷ Division ∧ Logical AND ∨ Logical OR ⊕ Exclusive logical OR → Transfer from left-hand operand to right-hand operand, or transition from left- hand state to right-hand state ¬ NOT (logical complement) ( ) < > Operand contents :8/:16/:24/:32 8-, 16-, 24-, or 32-bit length Notes: 1. General registers include 8-bit registers (R0H to R7H, R0L to R7L), 16-bit registers (R0 to R7, E0 to E7), and 32-bit registers (ER0 to ER7). 2. MAC instructions cannot be used in the H8S/2149. |