| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 976 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 976 Page - Renesas Technology Corp |
|
976 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 948 of 1044 REJ09B0280-0300 OCRAR—Output Compare Register AR H'FF98 FRT OCRAF—Output Compare Register AF H'FF9A FRT 15 1 R/W 14 1 R/W 13 1 R/W 12 1 R/W 11 1 R/W 8 1 R/W 10 1 R/W 9 1 R/W Bit Initial value Read/Write 7 1 R/W 6 1 R/W 5 1 R/W 4 1 R/W 3 1 R/W 0 1 R/W 2 1 R/W 1 1 R/W Used for OCRA operation when OCRAMS = 1 in TOCR (For details, see section 11.2.4, Output Compare Registers AR and AF (OCRAR, OCRAF).) OCRDM—Output Compare Register DM H'FF9C FRT 15 0 R 14 0 R 13 0 R 12 0 R 11 0 R 8 0 R 10 0 R 9 0 R Bit Initial value Read/Write 7 0 R/W 6 0 R/W 5 0 R/W 4 0 R/W 3 0 R/W 0 0 R/W 2 0 R/W 1 0 R/W Used for ICRD operation when ICRDMS = 1 in TOCR (For details, see section 11.2.5, Output Compare Register DM (OCRDM).) ICRA—Input Capture Register A H'FF98 FRT ICRB—Input Capture Register B H'FF9A FRT ICRC—Input Capture Register C H'FF9C FRT ICRD—Input Capture Register D H'FF9E FRT 15 0 R 14 0 R 13 0 R 12 0 R 11 0 R 8 0 R 10 0 R 9 0 R Bit Initial value Read/Write 7 0 R 6 0 R 5 0 R 4 0 R 3 0 R 0 0 R 2 0 R 1 0 R Stores FRC value when input capture signal is input (ICRC and ICRD can be used for buffer operation. For details, see section 11.2.3, Input Capture Registers A to D (ICRA to ICRD).) |