| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 980 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 980 Page - Renesas Technology Corp |
|
980 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 952 of 1044 REJ09B0280-0300 TCSR0—Timer Control/Status Register 0 H'FFA8 WDT0 7 OVF 0 R/(W)* 6 WT/ IT 0 R/W 5 TME 0 R/W 4 RSTS 0 R/W 3 RST/ NMI 0 R/W 0 CKS0 0 R/W 2 CKS2 0 R/W 1 CKS1 0 R/W Bit Initial value Read/Write TCSR0 Clock select 2 to 0 CKS2 0 1 φ/2 φ/64 φ/128 φ/512 φ/2048 φ/8192 φ/32768 φ/131072 CKS1 0 1 0 1 CKS0 0 1 0 1 0 1 0 1 Note: * Only 0 can be written, to clear the flag. Clock Reset or NMI 0 NMI interrupt requested 1 Internal reset requested Timer enable 0 TCNT is initialized to H'00 and halted 1 TCNT counts Reserved bit Timer mode select 0 Interval timer mode: Sends the CPU an interval timer interrupt request (WOVI) when TCNT overflows 1 Watchdog timer mode: Generates a reset or NMI interrupt when TCNT overflows RESO pin output goes low simultaneously (when internal reset is selected) Overflow flag 0 [Clearing conditions] • Write 0 in the TME bit • Read TCSR when OVF = 1, then write 0 in OVF 1 [Setting condition] When TCNT overflows (changes from H'FF to H'00) (When internal reset request generation is selected in watchdog timer mode, OVF is cleared automatically by the internal reset.) |