| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 982 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 982 Page - Renesas Technology Corp |
|
982 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 954 of 1044 REJ09B0280-0300 P1PCR—Port 1 MOS Pull-Up Control Register H'FFAC Port 1 7 P17PCR 0 R/W 6 P16PCR 0 R/W 5 P15PCR 0 R/W 4 P14PCR 0 R/W 3 P13PCR 0 R/W 0 P10PCR 0 R/W 2 P12PCR 0 R/W 1 P11PCR 0 R/W Bit Initial value Read/Write Control of port 1 built-in MOS input pull-ups P2PCR—Port 2 MOS Pull-Up Control Register H'FFAD Port 2 7 P27PCR 0 R/W 6 P26PCR 0 R/W 5 P25PCR 0 R/W 4 P24PCR 0 R/W 3 P23PCR 0 R/W 0 P20PCR 0 R/W 2 P22PCR 0 R/W 1 P21PCR 0 R/W Bit Initial value Read/Write Control of port 2 built-in MOS input pull-ups P3PCR—Port 3 MOS Pull-Up Control Register H'FFAE Port 3 7 P37PCR 0 R/W 6 P36PCR 0 R/W 5 P35PCR 0 R/W 4 P34PCR 0 R/W 3 P33PCR 0 R/W 0 P30PCR 0 R/W 2 P32PCR 0 R/W 1 P31PCR 0 R/W Bit Initial value Read/Write Control of port 3 built-in MOS input pull-ups P1DDR—Port 1 Data Direction Register H'FFB0 Port 1 7 P17DDR 0 W 6 P16DDR 0 W 5 P15DDR 0 W 4 P14DDR 0 W 3 P13DDR 0 W 0 P10DDR 0 W 2 P12DDR 0 W 1 P11DDR 0 W Bit Initial value Read/Write Specification of input or output for port 1 pins |