| データシートサーチシステム |
|
HD64F2149YV データシート(PDF) 986 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149YV データシート(HTML) 986 Page - Renesas Technology Corp |
|
986 / 1075 page ![]() Appendix B Internal I/O Registers Rev. 3.00 Jan 18, 2006 page 958 of 1044 REJ09B0280-0300 P8DDR—Port 8 Data Direction Register H'FFBD (W) Port 8 7 — 1 — 6 P86DDR 0 W 5 P85DDR 0 W 4 P84DDR 0 W 3 P83DDR 0 W 0 P80DDR 0 W 2 P82DDR 0 W 1 P81DDR 0 W Bit Initial value Read/Write Specification of input or output for port 8 pins PBPIN—Port B Input Data Register H'FFBD (R) Port B 7 PB7PIN —* R 6 PB6PIN —* R 5 PB5PIN —* R 4 PB4PIN —* R 3 PB3PIN —* R 0 PB0PIN —* R 2 PB2PIN —* R 1 PB1PIN —* R Bit Initial value Read/Write Note: * Determined by state of pins PB7 to PB0. Port B pin states PBDDR—Port B Data Direction Register H'FFBE (W) Port B 7 PB7DDR 0 W 6 PB6DDR 0 W 5 PB5DDR 0 W 4 PB4DDR 0 W 3 PB3DDR 0 W 0 PB0DDR 0 W 2 PB2DDR 0 W 1 PB1DDR 0 W Bit Initial value Read/Write Specification of input or output for port B pins P7PIN—Port 7 Input Data Register H'FFBE (R) Port 7 7 P77PIN —* R 6 P76PIN —* R 5 P75PIN —* R 4 P74PIN —* R 3 P73PIN —* R 0 P70PIN —* R 2 P72PIN —* R 1 P71PIN —* R Bit Initial value Read/Write Note: * Determined by state of pins P77 to P70. Port 7 pin states |