| データシートサーチシステム |
|
H8/3021 データシート(PDF) 330 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 330 Page - Renesas Technology Corp |
|
330 / 712 page ![]() 9. Programmable Timing Pattern Controller Rev.2.00 Mar. 22, 2007 Page 306 of 684 REJ09B0352-0200 9.3.2 Output Timing If TPC output is enabled, NDRA/NDRB contents are transferred to PADR/PBDR and output when the selected compare match event occurs. Figure 9.3 shows the timing of these operations for the case of normal output in groups 0 and 1, triggered by compare match A. φ TCNT GRA Compare match A signal NDRA PADR TP to TP 07 N N n m m N + 1 n n Figure 9.3 Timing of Transfer of Next Data Register Contents and Output (Example) |