| データシートサーチシステム |
|
H8/3021 データシート(PDF) 62 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 62 Page - Renesas Technology Corp |
|
62 / 712 page ![]() 2. CPU Rev.2.00 Mar. 22, 2007 Page 38 of 684 REJ09B0352-0200 Table 2.10 Block Transfer Instruction Instruction Size Function EEPMOV.B — if R4L ≠ 0 then repeat @ER5+ → @ER6+, R4L – 1 → R4L until R4L = 0 else next; EEPMOV.W — if R4 ≠ 0 then repeat @ER5+ → @ER6+, R4 – 1 → R4 until R4 = 0 else next; Transfers a data block according to parameters set in general registers R4L or R4, ER5, and ER6. R4L or R4: Size of block (bytes) ER5: Starting source address ER6: Starting destination address Execution of the next instruction begins as soon as the transfer is completed. |