| データシートサーチシステム |
|
H8/3021 データシート(PDF) 68 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 68 Page - Renesas Technology Corp |
|
68 / 712 page ![]() 2. CPU Rev.2.00 Mar. 22, 2007 Page 44 of 684 REJ09B0352-0200 Specified by @aa:8 Reserved Branch address Figure 2.10 Memory-Indirect Branch Address Specification When a word-size or longword-size memory operand is specified, or when a branch address is specified, if the specified memory address is odd, the least significant bit is regarded as 0. The accessed data or instruction code therefore begins at the preceding address. See section 2.5.2, Memory Data Formats. 2.7.2 Effective Address Calculation Table 2.13 explains how an effective address is calculated in each addressing mode. In the 1-Mbyte operating modes the upper 4 bits of the calculated address are ignored in order to generate a 20-bit effective address. |