| データシートサーチシステム |
|
H8/3021 データシート(PDF) 50 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3021 データシート(HTML) 50 Page - Renesas Technology Corp |
|
50 / 712 page ![]() 2. CPU Rev.2.00 Mar. 22, 2007 Page 26 of 684 REJ09B0352-0200 2.6 Instruction Set 2.6.1 Instruction Set Overview The H8/300H CPU has 62 types of instructions, which are classified as shown in table 2.1. Table 2.1 Instruction Classification Function Instruction Types Data transfer MOV, PUSH* 1, POP*1, MOVTPE*2, MOVFPE*2 3 Arithmetic operations ADD, SUB, ADDX, SUBX, INC, DEC, ADDS, SUBS, DAA, DAS, MULXU, MULXS, DIVXU, DIVXS, CMP, NEG, EXTS, EXTU 18 Logic operations AND, OR, XOR, NOT 4 Shift operations SHAL, SHAR, SHLL, SHLR, ROTL, ROTR, ROTXL, ROTXR 8 Bit manipulation BSET, BCLR, BNOT, BTST, BAND, BIAND, BOR, BIOR, BXOR, BIXOR, BLD, BILD, BST, BIST 14 Branch Bcc* 3, JMP, BSR, JSR, RTS 5 System control TRAPA, RTE, SLEEP, LDC, STC, ANDC, ORC, XORC, NOP 9 Block data transfer EEPMOV 1 Total 62 types Notes: 1. POP.W Rn is identical to MOV.W @SP+, Rn. PUSH.W Rn is identical to MOV.W Rn, @–SP. POP.L ERn is identical to MOV.L @SP+, Rn. PUSH.L ERn is identical to MOV.L Rn, @–SP. 2. These instructions are not available on the H8/3022 Group. 3. Bcc is a generic branching instruction. |